Part Number Hot Search : 
HN4A51J 00007 M75010 WOUVT 74AHC1 74AHC1 0M75J SCAS1
Product Description
Full Text Search
 

To Download FWS-A00111000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COMMUNICATIONS COMPONENTS
1480/1550+1590 nm Filter Wavelength Division Multiplexers
Key Features
* Thin film filter based * Wide bandwidth (C+L) * Low insertion loss * High isolation * Low temperature dependent loss * Epoxy-free optical path
Applications
* Optical amplifiers * CATV
JDSU 1480/1550+1590 nm filter wavelength division multiplexers (WDMs) use interference filter technology to separate or combine pump laser and optical signals. With wide bandwidth, low insertion, high isolation, and low temperature dependent loss, they are ideal for use in optical amplifier and CATV applications.
Compliance
* Telcordia GR-1221
Performance 1480/1550 nm (Model 1)
40
ATTENUATION (dB)
35 30 25 20 15 10 5 0
PASS CHANNEL
REFLECT CHANNEL
1440
1480
1520
1560
1600
WAVELENGTH (nm)
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com
1480/1550+1590 NM FILTER WAVELENGTH DIVISION MULTIPLEXERS
2
Performance 1480/1550 nm (Model 2)
40
ATTENUATION (dB)
35 30 25 20 15 10 5 0 1440 1480 1520
PASS CHANNEL
REFLECT CHANNEL
1560
1600
WAVELENGTH (nm)
Specifications
Parameter Pass port (CP) wavelength range P Pass port (CP) insertion loss Pass port (CP) flatness Pass port (CP) isolation at R Reflect port (CR) wavelength range R Reflect port (CR) insertion loss Reflect port (CR) flatness Reflect port (CR) isolation at P Directivity Optical return loss Polarization dependent loss Polarization mode dispersion Temperature dependent loss Optical power Tensile load Operating temperature Storage temperature Package dimensions (D x L) 250 m fiber 900 m fiber Fiber length
Pass 1480 / Reflect 1550+1590 1450 to 1495 nm Maximum Maximum Minimum 1528 to 1610 nm Maximum Maximum Minimum Minimum Minimum Maximum Maximum Maximum Maximum Maximum
Pass 1550+1590 / Reflect 1480
1528 to 1610 nm 0.4 dB 0.2 dB 30 dB 1450 to 1495 nm 0.4 dB 0.15 dB 15 dB 55 dB 50 dB 0.04 dB 0.1 ps 0.1 dB 500 mW 5N -5 to 75 C -40 to 85 C
5.5 x 30 mm (Standard), 3.2 x 30 mm (Miniature) 5.5 x 40 mm (Standard), 3.2 x 40 mm (Miniature) >1.0 m
1480/1550+1590 NM FILTER WAVELENGTH DIVISION MULTIPLEXERS
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at customer.service@jdsu.com.
Sample: FWS-A00110000
FWS- A 00
Code A Wavelength 1480/1550+1590 nm Code 1 2 Model Pass 1480/reflect 1550+1590 Pass 1550+1590 / reflect 1480 Code 1 2 Fiber Type 250 m fiber 900 m fiber
00
Code 0 1 2 3 4 5 6 Connector1, 2 No connector FC/SPC FC/APC SC/SPC SC/APC ST LC/SPC
Code 0 1
Package Standard Miniature
1. Connectors available only with 900 m fiber option. 2. Other connectors available upon request.
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com July 2008
Product specifications and descriptions in this document subject to change without notice. (c) 2008 JDS Uniphase Corporation 21021901 003 0708 WDMFILTER1480PUMP.DS.CC.AE SMF-28 is a registered trademark of Corning Incorporated. Telcordia is a registered trademark of Telcordia Technologies Incorporated.


▲Up To Search▲   

 
Price & Availability of FWS-A00111000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X